|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
only one name means protektion? www.protekdevices.com 05153.r8 2/11 page 1 05153 lc0408fc3.3c - lc0408fc36c 200w l ow c a p a c itan c e fl i p c hi p tvs a rr ay des cr i p tion the lc0408fcxxc series flip chips employ advanced silicon p/n juncton technology for unmatched board-level transient voltage protecton against electrostatc dis - charge (esd) and electrical fast transients (eft). developed specifcally for high-density circuit protecton, this series meets the iec 61000-4-2 and 61000-4-4 require - ments. these devices are ideally suited for handheld devices, pcmcia and smart cards. this low capacitance series provides esd protecton greater than 25 kilovolts with a peak pulse power dissipaton of 200 wats per line for an 8/20s waveform. in ad - diton, the lc0408fcxxc series features superior clamping performance, low leakage current characteristcs and a response tme of less than a nanosecond. their low inductance virtually eliminates overshoot voltage due to package inductance. featu r es ? compatble with iec 61000-4-2 (esd): air 15kv, contact 8kv ? compatble with iec 61000-4-4 (eft): 40a, 5/50ns ? esd protecton > 25 kilovolts ? available in voltages ranging from 3.3v to 36v ? 200 wats peak pulse power per line (tp = 8/20s) ? protecton for 4 to 7 lines ? bidirectonal and monolithic structure ? low clamping voltage ? low capacitance ? rohs compliant ? reach compliant me c hani c a l c ha r a c te r isti c s ? standard eia chip size: 0408 ? approximate weight: 0.73 milligrams ? lead-free platng ? solder refow temperature: ? lead-free - sn/ag/cu, 96/3.5/0.5: 260-270c ? flammability ratng ul 94v-0 ? 8mm tape per eia standard 481 ? top contacts: solder bump 0.004 in height (nominal) a ppl i c ations ? cellular phones ? mcm boards ? wireless communicaton circuits ? ir leds ? smart & pcmcia cards p in c on f i g u r ation
only one name means protektion? www.protekdevices.com 05153.r8 2/11 page 2 05153 lc0408fc3.3c - lc0408fc36c ty p i c a l d evi c e c ha r a c te r isti c s m a x i m u m r atin g s @ 25c unless o therwise specifed p a r a m ete r sy mb o l va l ue units peak pulse power (tp = 8/20s) - see figure 1 p pp 200 wats operatng temperature t a -55 to 150 c storage temperature t stg -55 to 150 c e l e c t r i c a l c ha r a c te r isti c s p e r l ine @ 25c unless o therwise specifed p a r t nu mb e r (n ote 1) r ate d stan d- o ff vo l ta g e v w m vo l ts m ini m u m br ea kd own vo l ta g e @ 1 m a v (br) vo l ts m a x i m u m cl a mp in g vo l ta g e (fig. 2) @ i p = 1 a v c vo l ts m a x i m u m cl a mp in g vo l ta g e (fig. 2) @ 8/20 s v c @ i pp m a x i m u m l ea k a g e c u rr ent (n ote 2) @ v w m i d a ty p i c a l c a p a c itan c e @0 v , 1m h z c p f lc0408fc3.3c 3.3 4.0 7.0 12.5v @ 16a 75* 70 lc0408fc05c 5.9 6.0 11.0 13.0 @ 15a 10** 35 lc0408fc08c 8.0 8.5 13.2 18.0v @ 11a 1 32 lc0408fc12c 12.0 13.3 19.8 26.9v @ 7.4a 1 30 lc0408fc15c 15.0 16.7 25.4 34.5v @ 5.8a 1 25 lc0408fc24c 24.0 26.7 37.2 50.6v @ 4a 1 20 lc0408fc36c 36.0 40.0 70.0 80.0v @ 2.5a 1 18 notes 1. all devices are bidirectonal. electrical characteristcs apply in both directons. 2. *maximum leakage current < 5a @ 2.8v. **maximum leakage current < 500na @ 3.3v. only one name means protektion? www.protekdevices.com 05153.r8 2/11 page 3 05153 lc0408fc3.3c - lc0408fc36c ty p i c a l d evi c e c ha r a c te r isti c s f i g u r e 1 p ea k p u l se p owe r vs p u l se ti m e t d - pulse duraton - s 200w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - w ats 10 100 1,000 10,000 peak pulse power 8/20s average power f i g u r e 3 p owe r d e r atin g c u r ve t a - a mbient t emperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % o f rated power test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) f i g u r e 2 p u l se wave f o rm t - time - s 0 5 10 15 20 25 30 i pp - peak pulse current - % of i pp 0 20 40 60 80 100 120 only one name means protektion? www.protekdevices.com 05153.r8 2/11 page 4 05153 lc0408fc3.3c - lc0408fc36c ty p i c a l d evi c e c ha r a c te r isti c s f i g u r e 4 ove r shoot & cl a mp in g vo l ta g e f o r lc0408 fc 05 c es d t est pulse - 25 kilovolt, 1/30ns ( w aveshape) 5 v olts per division -5 5 15 25 35 f i g u r e 5 ty p i c a l cl a mp in g vo l ta g e vs p ea k p u l se c u rr ent lc0408 fc 05 c i pp - peak pulse current - a mps 0 5 10 15 20 0 4 8 12 v c - clamping v oltage - v olts only one name means protektion? www.protekdevices.com 05153.r8 2/11 page 5 05153 lc0408fc3.3c - lc0408fc36c so ld e r r e fl ow in f o rm ation pr inte d c i rc uit b oa rd r e c o mm en d ations p a r a m ete r va l ue pad size on pcb 0.275mm pad shape round pad defniton non-solder mask defned pads solder mask opening 0.325mm round solder stencil thickness 0.150mm solder stencil aperture opening (laser cut, 5% tapered walls) 0.330mm round solder paste type no clean pad protectve finish osp (entek cu plus 106a) tolerance - edge to corner ball 50m solder ball side coplanarity 20m maximum dwell time above liquidous (183c) 60 seconds soldering maximum temperature 270c t p 30-60 seconds ramp-up 15 seconds (minimize) s older-time 15-20 seconds ramp-down ramp-down solder melt (maximum t emp) maximum s older refow (35-53c a bove maximum solder melt t emp) ramp-up preheat (s tay below flux a ctvaton t emp) t emperature - c r e c o mm en d e d non-so ld e r m as k d e f ine d p a d i ll ust r ation non-s older mask defned pad 0.275mm dia . solder mask opening 0.325mm dia . solder s tencil opening 0.330mm dia . requi r e m ents temperature: t p for lead-free (sn/ag/cu): 260-270c t p for tin-lead: 240-245c preheat tme and temperature depends on solder paste and fux actva - ton temperature, component size, weight, surface area and platng. only one name means protektion? www.protekdevices.com 05153.r8 2/11 page 6 05153 lc0408fc3.3c - lc0408fc36c 0408 p a ck a g e in f o rm ation a b c g e f t op end i h side out l ine d i m ensions d i m m i ll i m ete r s in c hes m in m a x m in m a x a 0.56 0.022 b 0.86 0.034 c 0.98 1.02 0.038 0.040 e 0.15 sq 0.006 sq f 1.97 2.03 0.078 0.080 g 0.15 0.006 h 0.076 0.127 0.003 0.005 i 0.406 0.016 n otes 1. controlling dimensions in inches. 2. decimal tolerance: .xxx 0.05mm (0.002). only one name means protektion? www.protekdevices.com 05153.r8 2/11 page 7 05153 lc0408fc3.3c - lc0408fc36c 0408 p a ck a g e in f o rm ation c g h a d e die solder bump f solder p ads solder mask i solder print 0.010 - 0.012 dia. copper con t act 0.009[0.23] dia. g h i a f die solder bump solder print 0.014 [0.36] dia. solder mask op tion 1 - l ayout d i m ensions d i m m i ll i m ete r s in c hes no m ina l no m ina l a 0.51 0.020 c 0.30 0.012 d 0.46 0.018 e 0.20 0.008 f 0.15 sq 0.006 sq g 0.71 0.028 h 0.99 0.039 i 0.51 0.020 n otes 1. controlling dimensions in inches. 2. decimal tolerance: .xxx 0.05mm (0.002). 3. preferred: usign 0.1mm (0.004) stencil. op tion 2 - l ayout d i m ensions d i m m i ll i m ete r s in c hes no m ina l no m ina l a 0.51 0.020 f 0.15 sq 0.006 sq g 0.71 0.028 h 0.99 0.039 i 0.51 0.020 n otes 1. controlling dimensions in inches. 2. decimal tolerance: .xxx 0.05mm (0.002). 3. preferred: usign 0.1mm (0.004) stencil. only one name means protektion? www.protekdevices.com 05153.r8 2/11 page 8 05153 lc0408fc3.3c - lc0408fc36c ta p e an d r ee l in f o rm ation o rd e r in g in f o rm ation b ase p a r t nu mb e r ( xx = v oltage ) l ea dfr ee su ff i x ta p e su ff i x qty /r ee l r ee l si z e tu b e qty lc0408fcxxc -lf -t75-1 5,000 7 n/a s p e c i f i c ations ree l dia. t a p e w i d th a 0 b0 k0 d e f w p0 p2 p t max 178(7) 8 0.80 0.10 1.20 0.10 0.70 0.10 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.20 4.00 0.12 2.00 0.05 2.00 0.10 0.25 n otes 1. dimensions in millimeters. 2. top view of tape. solder bumps are face down in tape package. 3. orientaton: preferred stencil - 0.1mm (0.004). 4. surface mount product is taped and reeled in accordance with eia 481. 5. 8mm plastc tape: 7 reels - 5,000. 1. marking on reel: part number, date code and lot number. ta p e & r ee l o r ientation package outline, pad layout and tape specifcatons per document number 06021.r5 9/09. 10 pitches cumulatve tolerance on tape 0.2 w f b0 e p2 p0 d p a0 k0 t user directon of feed top cover tape quad die - 0408 only one name means protektion? www.protekdevices.com 05153.r8 2/11 page 9 05153 lc0408fc3.3c - lc0408fc36c c o mp any in f o rm ation c omp any pr ofile protek devices, based in tempe, arizona usa, is a manufacturer of transient voltage suppression (tvs) products designed specifcally for the protecton of electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulse (nemp), in - ductve switching and emi/rfi. with over 25 years of engineering and manufacturing experience, protek designs tvs devices that provide applicaton specifc protecton solutons for all electronic equipment/systems. protek devices analog products division, also manufactures analog interface, control, rf and power management products. copyright ? protek devices 2000 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. patent information: this device is patented under u.s. patent no. des. d456,367s. c onta c t us corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by t elephone general: 602-431-8101 sales: 602-414-5109 customer service: 602-414-5114 by fax general: 602-431-2288 by e -mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com w eb www.protekdevices.com www.protekanalog.com |
Price & Availability of LC0408FC33C11 |